Part Number Hot Search : 
LF9501 FQA16N50 FERP10F 1583010 STN4102 MZP4731 MAX232CW WCS1702
Product Description
Full Text Search
 

To Download ET-KA7500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  7500 plastic switchmode pulse width modulation control circuit 7500 is a fixed frequency, pulse width modu lation control circuit designed primarily switchmode power supply control. ordering information n suffix plastic 1 16 ? complete pulse width modulation control circuitry ? on? chip oscillator with master or slave operation ? on? chip error amplifiers ? on? chip 5.0 v reference ? adjustable deadtime control ? uncommitted output transistors rated to 500 ma source or sink ? output control for push? pull or single? ended operation ? undervoltage lockout 7500 chip t a = - 20 to +85 c logic diagram 1 noninv. input pin assignment inv. input feedback dead time control c t r t gnd collector 1 vcc 1 2 3 5 6 7 89 10 11 12 14 15 16 7500 noninv. input inv. input ref. output output control collector 2 emitter 2 emitter 1 pin 7 = gnd pin 12 = v cc 56 13 8 9 11 10 15 3 7 12 14 16 2 1 4 dead time control error amp 1 error amp 2 pwm comparator p ulce steering flip flop output control reference regulator oscillator t & beijing estek electronics co.,ltd ET-KA7500 ka ka the ka ka for
2 maximum and recommended operating conditions recommended operating conditions maximum ratings symbol parameter min max min max unit v cc supply voltage 7 40 41 v v i amplifier input voltage -0.3 v cc -2 v cc +0.3 v v o collector output voltage 40 41 v i oc collector output current (each transistor) 200 250 ma t storage temperature range -65 150 c t operating free-air temperature range -20 85 c electrical characteristics (t a = -20 ?+85 c, f =10khz) value symbol parameter test conditions min max tempe- rature, c unit v ref output voltage i 0 =1.0ma v cc =15v 4.75 5.25 -20?+85 v u regin input regulation v cc =7? 40v i 0 =1.0ma - 25 25 mv u regout output regulation i 0 =1? 10 ma v cc =15v - 15 25 mv v ref output voltage change with temperature i 0 =1ma v cc =15v - 1.0 % i sc short circuit output current v ref =0 tsc< 1s v cc =15 v - 50 ma f osc frequency c=0.01 f, r=12k v cc =15v v (03) =0.7v 6.0 14 khz f osc standard deviation of frequency * v cc =15v v (03) =0.7v - 15 -20?+85 % f osc( v) frequency change with voltage v cc =7?40 v v (03) =0.7v - 10 25 % f osc( ) frequency change with temperature c=0.01 f, r t =12k v cc =15v v (03) =0.7v - 2.0 % i ib(2t) input bias current (pin 4) v i =0?5.25v v cc =15v v (03) =0.7v - -10 a dcmax maximum duty cycle (each output) v i(04) =0v v cc =15v v (03) =0.7v 45 - % v thd1 input threshold voltage (pin 4) (zero duty cycle) dcmax=0 v cc =15v v (03) =0.7v - 3,3 -20?+85 v beijing estek electronics co.,ltd ET-KA7500
ET-KA7500 3 v thd2 input threshold voltage (pin 4) (maximum duty cycle) dcmax v cc =15v v (03) =0.7v 0 - v . value symbol parameter test conditions min max tempe- rature, c unit t rc output voltage rise time (common- emitter) v cc =15v v (03) =2.0v - 200 ns t fc output voltage fall time (common- emitter) v cc =15v v (03) =2.0v - 100 ns t rf output voltage rise time (emitter- follower) v cc =v c =15v v (03) =2.0v - 200 -20?+85 ns t ff output voltage fall time (emitter- follower) v cc =v c =15v v (03) =2.0v - 100 ns v thp input threshold voltage (pin 3) dcmax=0 v cc =15v - 4.5 v i i input sink current (pin 3) v cc =15v v (03) =0.7v 0.3 - ma v io input offset voltage v cc =15v v o(03) =2.5v - 10 mv i io input offset current v cc =15v v o(03) =2.5v - 250 na i ib input bias current v cc =15v v o(03) =2.5v - 1 a v icrl low input common mode voltage range v cc =7?40v -0.3 - v v icrh high input common mode voltage range v cc =7?40v v cc -2 - v a vol open loop voltage amplification v 0 =3v v cc =15v v o =0.5?3.5v 70 - db f b unity-gain bandwidth v cc =15v 100 - -20?+85 khz cmrr common mode rejection ratio vcc=40v 65 - 25 db i ol output sink current (pin 3) v cc =15v v 0(03) =0.7v 0.3 - ma i oh output source current (pin 3) v cc =15v v 0(03) =3.5v -2.0 ma i c(off) collector off-state current v ce =v cc =40v - 100 -20?+85 a beijing estek electronics co.,ltd
i e(off) emitter off-state current v cc =v c =40v v e =0v - -100 a v sat(c) collector - emitter saturation voltage (common-emitter) v cc =15v v e =0v v 0(03) =3.0v i c =200ma - 1.3 v 2.5 25 v sat(e) collector - emitter saturation voltage (emitter-follower) v cc =v c =15v i e = - - - 200ma v 0(03) =3.0v - 2.9 -20?+85 v i och output control input current v cc =15v v 0(03) =0.7v - 3.5 ma i cc15 standby supply current at v cc 15v v cc =15v - 10 25 ma . value symbol parameter test conditions min max tempe- rature, c unit i cc40 standby supply current at v cc 40v v c =40v - 15 25 ma i cca average supply current v cc =15v v 0(03) =0.7v v 0(04) =2.0v - 17 -20?+85 ma standard deviation is a measure of the statistical dist ribution about the mean as derived from the formula 1n )xxn( n 1n 2 ? ? = = 4 beijing estek electronics co.,ltd et- ka7500


▲Up To Search▲   

 
Price & Availability of ET-KA7500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X